Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SNJ55LBC976WD Arkusz danych(PDF) 13 Page - Texas Instruments

Numer części SNJ55LBC976WD
Szczegółowy opis  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ55LBC976WD Arkusz danych(HTML) 13 Page - Texas Instruments

Back Button SNJ55LBC976WD Datasheet HTML 9Page - Texas Instruments SNJ55LBC976WD Datasheet HTML 10Page - Texas Instruments SNJ55LBC976WD Datasheet HTML 11Page - Texas Instruments SNJ55LBC976WD Datasheet HTML 12Page - Texas Instruments SNJ55LBC976WD Datasheet HTML 13Page - Texas Instruments SNJ55LBC976WD Datasheet HTML 14Page - Texas Instruments SNJ55LBC976WD Datasheet HTML 15Page - Texas Instruments SNJ55LBC976WD Datasheet HTML 16Page - Texas Instruments SNJ55LBC976WD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SN55LBC976
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SGLS091A – JUNE 1995 – REVISED JANUARY 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
– 40
DRIVER
HIGH-LEVEL OUTPUT CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
50
40
20
10
0
30
2
2.5
3
3.5
4
4.5
5
70
60
80
DRIVER
LOW-LEVEL OUTPUT CURRENT
vs
SUPPLY VOLTAGE
5.5
VCC – Supply Voltage – V
B+ and B –
B+ and B –
– 30
– 60
– 70
– 80
– 50
– 10
– 20
0
2
2.5
3
3.5
4
4.5
5
5.5
Figure 13
Figure 14
RECEIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL – Low-Level Output Current – mA
2.5
2
1
0.5
0
4.5
1.5
0
– 10
– 20
– 30
– 40
– 50
– 60
3.5
3
4
5
– 70
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
5.5
2
1
0.5
0
1.5
0
10
20
304050
60
VCC = 5.25 V
VCC = 5 V
VCC = 4.75 V
Figure 15
Figure 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com