| Zakładka z wyszukiwarką danych komponentów |
|
TMPM367FDFG Arkusz danych(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPM367FDFG Arkusz danych(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 24 page ![]() CPU: ARM CortexTM-M3 Speed Control Position Estimation Vector Engine (VE) Current Control Sampling Timing Calculation dq UVW Conversion Output Interfacing Input Interfacing UVW dq Conversion Software Hardware Programmable Motor Driver (PMD) Output PWM Gen. Sampling Trigger Gen. 12-Bit ADC Sampling Control Current Detection Unit Inverter Motor Schedule #1 Schedule #4 Schedule #9 Single Task & Schedule #1 Schedule #1 Single Task Execution Current Control (PI) SIN/COS Calculations Coordinate Transform dq Phase Transform 2 3 Output Trigger Control Input Phase Transform 3 2 SIN/COS Calculations Coordinate Transform dq Task Selection Task Selection PWM Freq. Adjustment Interrupt Interrupt Interrupt Interrupt PMD ADC PMD ADC PMD ADC Data Set Trigger Data Set Trigger PMD ADC Data Set Trigger Trigger Start Interrupt Start Interrupt Schedule #1 Start Data Set Phase Transform 2 3 Coordinate Transform dq Output Trigger Control Input Phase Transform 3 2 Trigger Control Output Input Phase Transform 2 3 Output Trigger Control Input Phase Transform 3 2 Coordinate Transform dq Coordinate Transform dq Coordinate Transform dq The vector engine is a dedicated hardware unit designed to perform various operations for motor vector control. Since the vector engine has the capability for performing basic vector control operations (such as coordinate transformations, phase transformations and sine/cosine calculations), a PI algorithm for current control, and PMD and high-speed ADC interface operations, it helps to reduce the software workload significantly. High-efficiency motor control, reducing the CPU workload Since the requirements for speed control and position estimation differ greatly among individual applications and users, they can be implemented via software. The vector engine provides great flexibility in allowing you to create various schedules that define a combined sequence of VE and user’s software operations to perform. The vector engine supports two operating modes: Scheduled mode that executes a series of operations consecutively and Single Task mode that executes individual tasks one by one. Schedules can select a task that causes the vector engine to start execution. Highly flexible hardware Features of the Vector Engine (VE) – 9 – |