| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F785 Arkusz danych(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F785 Arkusz danych(HTML) 2 Page - Microchip Technology |
|
2 / 20 page ![]() 2 LED Lighting Solutions Design Guide www.microchip.com/lighting LED Lighting Solutions Advanced Communication Solutions for Lighting ZigBee®Protocol....................................................... 15 MiWi™ Protocol ........................................................ 15 MiWi™ P2P Protocol ................................................. 15 Wi-Fi Interface .......................................................... 15 USB Interface ........................................................... 16 Ethernet Interface ..................................................... 16 CAN and LIN Protocols .............................................. 16 Automotive Ambient Lighting Module Reference Design (APGRD004) .................................. 16 Temperature Sensing Solutions for Power LED Applications ................................................ 17 Logic Output Temperature Sensors................................ 17 Resistor-Programmable Temperature Switches ............... 17 Using TC6501 Open Drain Output for Current Set-Point Control .............................................. 18 Using the TC6501 to Provide MCU Interrupt ................... 18 Fan Controller Application Using TC6502 ....................... 18 Voltage Output Temperature Sensors............................. 19 Power LED Thermal Control Circuit Using MCP9700 and MCP1650 ............................................. 19 Table of Contents LED Lighting ................................................................ 3 LED Applications ......................................................... 3 Efficient LED Control .................................................... 3 Driving LEDs with a Charge Pump ................................. 4 MCP1252 Charge Pump Backlight Demonstration Board (MCP1252DM-BKLT) ................. 4 Driving LEDs with a Boost Regulator ............................. 4 MCP1650 Multiple White LED Demonstration Board (MCP1650DM-LED2) ................. 5 Driving LEDs with a SEPIC Regulator .............................. 5 MCP1650 3W White LED Demonstration Board (MCP1650DM-LED1) ................................................. 5 High Efficiency LED Smart Driver.................................... 6 Adding Intelligence – PIC10F Solutions .......................... 7 Provide Simple Dimming Control .................................... 8 Integrate Multiple Tasks – PIC12 and PIC16 Mixed Signal Solutions ....................... 8 Internal 5V Regulator.................................................... 8 Generating PWM Control Signals ................................... 9 Mixed-Signal LED Drivers .............................................. 10 MCP1630 and MCP1631 High-Speed PWM Controllers .......................................................... 11 MCP1630 Boost Mode LED Driver Demonstration Board (MCP1630DM-LED2) ................. 11 MCP1631HV Digitally Controlled Programmable Current Source Reference Design (MCP631RD-DCPC1)................................................. 11 Digital Control vs. Analog Control................................... 12 Low Cost Digital Control................................................ 12 High Performance Digital Control ................................... 13 Wired Communication Solutions for Lighting 0-10V Interface......................................................... 14 Digitally Addressable Lighting Interface (DALI) ............. 14 DALI Ballast Software Library ..................................... 14 DMX512 .................................................................. 14 |