| Zakładka z wyszukiwarką danych komponentów |
|
TMS320C2811PBKA Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C2811PBKA Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 172 page ![]() TMS320F2810, TMS320F2811, TMS320F2812 TMS320C2810, TMS320C2811, TMS320C2812 www.ti.com SPRS174T – APRIL 2001 – REVISED MAY 2012 2.2 Device Summary Table 2-1 provides a summary of each device’s features. Table 2-1. Hardware Features(1) FEATURE TYPE(2) F2810 F2811 F2812 C2810 C2811 C2812 Instruction Cycle (at 150 MHz) – 6.67 ns 6.67 ns 6.67 ns 6.67 ns 6.67 ns 6.67 ns Single-Access RAM (SARAM) (16-bit word) – 18K 18K 18K 18K 18K 18K 3.3-V On-Chip Flash (16-bit word) – 64K 128K 128K – – – On-Chip ROM (16-bit word) – – – – 64K 128K 128K Code Security for On-Chip – Yes Yes Yes Yes Yes Yes Flash/SARAM/OTP/ROM Boot ROM – Yes Yes Yes Yes Yes Yes OTP ROM (1K x 16) – Yes Yes Yes Yes(3) Yes(3) Yes(3) External Memory Interface 0 – – Yes – – Yes EVA, EVA, EVA, EVA, EVA, EVA, Event Managers A and B (EVA and EVB) – EVB EVB EVB EVB EVB EVB ● General-Purpose (GP) Timers – 4 4 4 4 4 4 ● Compare (CMP)/PWM 0 16 16 16 16 16 16 ● Capture (CAP)/QEP Channels 0 6/2 6/2 6/2 6/2 6/2 6/2 Watchdog Timer – Yes Yes Yes Yes Yes Yes 12-Bit ADC Yes Yes Yes Yes Yes Yes 0 ● Channels 16 16 16 16 16 16 32-Bit CPU Timers – 3 3 3 3 3 3 Serial Peripheral Interface (SPI) 0 Yes Yes Yes Yes Yes Yes Serial Communications Interfaces A and B SCIA, SCIA, SCIA, SCIA, SCIA, SCIA, 0 (SCIA and SCIB) SCIB SCIB SCIB SCIB SCIB SCIB Controller Area Network (CAN) 0 Yes Yes Yes Yes Yes Yes Multichannel Buffered Serial Port (McBSP) 0 Yes Yes Yes Yes Yes Yes Digital I/O Pins (Shared) – 56 56 56 56 56 56 External Interrupts – 3 3 3 3 3 3 Supply Voltage – 1.8-V Core (135 MHz), 1.9-V Core (150 MHz), 3.3-V I/O 128-pin PBK Yes Yes – Yes Yes – 176-pin PGF – – Yes – – Yes Packaging – 179-ball GHH – – Yes – – Yes 179-ball ZHH – – Yes – – Yes A: –40°C to 85°C – Yes Yes Yes Yes Yes Yes S: –40°C to 125°C – Yes Yes Yes Yes Yes Yes Temperature Options Q: –40°C to 125°C – Yes Yes PGF only Yes Yes PGF only (Q100 Qualification) Product Status(4) – TMS TMS TMS TMS TMS TMS (1) The TMS320F2810, TMS320F2811, TMS320F2812, TMS320C2810, TMS320C2811, TMS320C2812 DSP Silicon Errata (literature number SPRZ193) has been posted on the Texas Instruments (TI) website. It will be updated as needed. (2) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the peripheral reference guides. (3) On C281x devices, OTP is replaced by a 1K x 16 block of ROM. (4) See Section 5.1, Device and Development Support Tool Nomenclature, for descriptions of device stages. Copyright © 2001–2012, Texas Instruments Incorporated Introduction 13 Submit Documentation Feedback Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |