| Zakładka z wyszukiwarką danych komponentów |
|
GP08J Arkusz danych(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GP08J Arkusz danych(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
1 / 2 page ![]() 50V-600V 0.8A GP08A THRU GP08J Web Site: www.taychipst.com 1 of 2 FEATURES E-mail: sales@taychipst.com MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS MECHANICAL DATA ♦ Plastic package has Underwriters Laboratory Flammability Classification 94V-0 ♦ High temperature metallurgically bonded construction ♦ Glass passivated cavity-free junctions ♦ Capable of meeting environmental standards of MIL-S-19500 ♦ High temperature soldering guaranteed: 350°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension Case: JEDEC DO-204AL molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram Ratings at 25°C ambient temperature unless otherwise specified. SYMBOLS GP08A GP08B GP08D GP08G GP08J UNITS Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 Volts Maximum RMS voltage VRMS 35 70 140 280 420 Volts Maximum DC blocking voltage VDC 50 100 200 400 600 Volts Maximum average forward rectified current 0.375" (9.5mm) lead length at TA =55°C I(AV) 0 .8 Amp Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) at TA=55°C IFSM 25.0 Amps Maximum instantaneous forward voltage at 0.8A VF 1.3 Volts Maximum full load reverse current full cycle average 0.375" (9.5mm) lead length at TA=55°C IR(AV) 30.0 µA Maximum DC reverse current TA=25°C 5.0 at rated DC blocking voltage TA=125°C IR 50.0 µA Typical reverse recovery time (NOTE 1) trr 2.0 µs Typical junction capacitance (NOTE 2) CJ 8.0 pF Typical thermal resistance (NOTE 3) R ΘJA 55.0 °C/W Operating junction and storage temperature range TJ, TSTG -65 to +175 °C NOTES: (1) Measure on IF =0.5A, IR =1.0A, Irr = 0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted GLASS PASSIVATED JUNCTION RECTIFIER |
Podobny numer części - GP08J |
|
Podobny opis - GP08J |