| Zakładka z wyszukiwarką danych komponentów |
|
RN1902FS Arkusz danych(PDF) 7 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
RN1902FS Arkusz danych(HTML) 7 Page - Toshiba Semiconductor |
|
7 / 8 page ![]() RN1901FS~RN1906FS 2007-11-01 7 Type Name Marking RN1901FS RN1902FS RN1903FS RN1904FS RN1905FS RN1906FS Handling Precaution When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic discharge. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. Type name J9 1 2 3 4 5 6 Type name JF 1 2 3 4 5 6 Type name F2 1 2 3 4 5 6 Type name F3 1 2 3 4 5 6 Type name F4 1 2 3 4 5 6 Type name F5 1 2 3 4 5 6 |