Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BL8003L Arkusz danych(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Numer części BL8003L
Szczegółowy opis  INTEGRATED HALF ?밄RIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BELLING [SHANGHAI BELLING CO., LTD.]
Strona internetowa  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8003L Arkusz danych(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8003L Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
INTEGRATED HALF –BRIDGE DRIVER
BL8003L
Ordering Information
BL8003L
1
2
3
Code
Description
1
Temperature&Rohs:
C: -40~85
°C ,Pb Free Rohs Std.
2
Package type:
D8: SOIC-8
3
Packing type:
TR: Tape&Reel (Standard)
Description
The BL8003L is an integrated high-speed half
bridge power MOSFET driver. Our proprietary
DBiCMOS
technologies
provide
stable
operation
under
high
dv/dt
noise
circumstances. The output drivers feature a
high pulse current buffer stage designed for
minimum
driver
cross-conduction.
The
floating channel can be used to drive an N-
channel power MOSFET on the high side. The
logic input is compatible with standard CMOS
or
LSTTL,
down
to
3.3V logic.
Cross
conduction prevention logic and dead-times
are built in to simplify the applications.
Features
• DBiCMOS technologies,low power
dissipation and high output current
• Internal 5V LDO,CMOS and LSTTL
logic (5V and 3.3V) compatible
• Cross conduction prevention logic
• Gate drive supply range from 10V to
15V
• Internal set deadtime
• High side output of phase with HIN
input
• Low side output of phase with LIN
input.
Marking Information
Product Classification
BL8003LCD8TR
Marking
DM
NN B YY
DB: Product
Code
NN: LOT NO.
B: FAB Code
YY: Date Code
Lead Assignments
SOIC-8
BL8003L


Podobny numer części - BL8003L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHANGHAI BELLING CO., L...
BL8003 BELLING-BL8003 Datasheet
152Kb / 8P
550V INTEGRATED HALF ?밄RIDGE DRIVER
More results

Podobny opis - BL8003L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IR3101 IRF-IR3101 Datasheet
268Kb / 10P
Half-Bridge FredFet and Integrated Driver
IR3103 IRF-IR3103 Datasheet
198Kb / 11P
Half-Bridge FredFET and Integrated Driver
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
High Current Integrated Half Bridge Driver
logo
SHANGHAI BELLING CO., L...
BL8003 BELLING-BL8003 Datasheet
152Kb / 8P
550V INTEGRATED HALF ?밄RIDGE DRIVER
logo
Infineon Technologies A...
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
logo
Texas Instruments
DRV8955 TI-DRV8955 Datasheet
3Mb / 45P
DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
logo
Infineon Technologies A...
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
TLE94XYZ INFINEON-TLE94XYZ Datasheet
617Kb / 2P
TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
logo
Analog Devices
ADUM5230 AD-ADUM5230_V01 Datasheet
770Kb / 15P
Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com