| Zakładka z wyszukiwarką danych komponentów |
|
STPM01 Arkusz danych(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM01 Arkusz danych(HTML) 46 Page - STMicroelectronics |
|
46 / 60 page ![]() Theory of operation STPM01 46/60 Doc ID 10853 Rev 8 Equation 6 dv/dt → v(t) = V ⋅sin ωt; [see Figure 28 - 7] i(t) → [see Figure 28 - 8] Now four signals are available. Combining (pairing) them by means of two multiplying stages two results are obtained: Equation 7 [see Figure 28 - 9] Equation 8 [see Figure 28 - 10] After these two operations, another stage performs the subtraction between the results p2 and p1 and a division by 2, obtaining the active power: Equation 9 [see Figure 28 - 11] In this way, the AC part V•I•cos(2 ωt + ϕ)/2 has been then removed from the instantaneous power. In the case of current sensors like “Rogowski coils”, which provide the rate of the instantaneous current signal (di/dt), the initial voltage signal differentiated stage will be switched off. In this case the signals coming from the A/D conversion and their consequent integrations will be: Equation 10 v(t) = V•sin ωt ) t cos( I dt ) t ( i ) t ( I ϕ + ω ⋅ ω − = ⋅ = ∫ 2 ) t 2 cos( I V 2 cos I V dt ) t ( i dt dv ) t ( p1 ϕ + ω ⋅ ⋅ − ϕ ⋅ ⋅ − = ⋅ ⋅ = / ∫ 2 ) t 2 cos( I V 2 cos I V ) t ( i ) t ( v ) t ( p2 ϕ + ω ⋅ ⋅ − ϕ ⋅ ⋅ = ⋅ = / 2 cos I V 2 )) t ( p ) t ( p ( ) t ( p 1 2 ϕ ⋅ ⋅ = / − / = ) t cos( I dt ) t ( di ) t ( i ϕ + ω ⋅ ω ⋅ − = = ′ |