| Zakładka z wyszukiwarką danych komponentów |
|
STA369BW Arkusz danych(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA369BW Arkusz danych(HTML) 79 Page - STMicroelectronics |
|
79 / 88 page ![]() STA369BW Register description Doc ID 022033 Rev 1 79/88 Figure 32. Biquad filter structure with quantization error noise-shaping 7.23 Extended coefficient range up to -4...4 (address 0x49, 0x4A) Biquads from 1 to 7 have in the STA369BW the possibility to extend the coefficient range from [-1,1) to [-4..4). This allows the realization of high shelf filters that may require a coefficients dynamic greater in absolute value than 1. Three ranges are available, [-1;1) [-2;2) [-4;4). By default the extended range is not activated to maintain backward compatibility with all the previous Sound Terminal products. Each biquad has its independent setting according to the following table: Table 76. Biquad filter settings z -1 z -1 z -1 z -1 Q In(t) b0 b1 b2 a1 a2 z -1 + - Out(t) z -1 z -1 z -1 z -1 Q In(t) b0 b1 b2 a1 a2 z -1 + - Out(t) AM045197v1 D7 D6 D5 D4 D3 D2 D1 D0 CXTB4[1] CXTB4[0] CXTB3[1] CXTB3[0] CX_B2[1] CXTB2[0] CXTB1[1] CXTB1[0] 00 0 0 0 0 0 0 D7 D6 D5 D4 D3 D2 D1 D0 Reserved Reserved CXTB7[1] CXTB7[0] CXTB6[1] CXTB6[0] CXTB5[1] CXTB5[0] 0 0 00 00 0 0 CEXT_Bx[1] CEXT_Bx[0] 00 [-1;1) 01 [-2;2) 10 [-4;4) 1 1 Reserved |