| Zakładka z wyszukiwarką danych komponentów |
|
SPC560P60X Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560P60X Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 104 page ![]() SPC56xP54x, SPC56xP60x Introduction Doc ID 18340 Rev 3 17/104 The FMPLL has the following major features: ● Input clock frequency from 4 MHz to 40 MHz ● Voltage controlled oscillator (VCO) range from 256 MHz to 512 MHz ● Reduced frequency divider (RFD) for reduced frequency operation without forcing the PLL to relock ● Modulation enabled/disabled through software ● Triangle wave modulation ● Programmable modulation depth (±0.25% to ±4% deviation from center frequency) – Programmable modulation frequency dependent on reference frequency ● Self-clocked mode (SCM) operation 1.5.9 Main oscillator The main oscillator provides these features: ● Input frequency range 4 MHz to 40 MHz ● Crystal input mode or Oscillator input mode ● PLL reference 1.5.10 Internal RC oscillator This device has an RC ladder phase-shift oscillator. The architecture uses constant current charging of a capacitor. The voltage at the capacitor is compared by the stable bandgap reference voltage. The RC Oscillator provides these features: ● Nominal frequency 16 MHz ● ±6% variation over voltage and temperature after process trim ● Clock output of the RC oscillator serves as system clock source in case loss of lock or loss of clock is detected by the PLL ● RC oscillator is used as the default system clock during startup 1.5.11 Periodic interrupt timer (PIT) The PIT module implements these features: ● Up to four general purpose interrupt timers ● 32-bit counter resolution ● Clocked by system clock frequency ● Each channel can be used as trigger for a DMA request 1.5.12 System timer module (STM) The STM module implements these features: ● 32-bit up counter with 8-bit prescaler ● Four 32-bit compare channels ● Independent interrupt source for each channel ● Counter can be stopped in debug mode The STM module is replicated for each processor. |