Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPC560P60L5 Arkusz danych(PDF) 84 Page - STMicroelectronics

Numer części SPC560P60L5
Szczegółowy opis  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60L5 Arkusz danych(HTML) 84 Page - STMicroelectronics

Back Button SPC560P60L5 Datasheet HTML 80Page - STMicroelectronics SPC560P60L5 Datasheet HTML 81Page - STMicroelectronics SPC560P60L5 Datasheet HTML 82Page - STMicroelectronics SPC560P60L5 Datasheet HTML 83Page - STMicroelectronics SPC560P60L5 Datasheet HTML 84Page - STMicroelectronics SPC560P60L5 Datasheet HTML 85Page - STMicroelectronics SPC560P60L5 Datasheet HTML 86Page - STMicroelectronics SPC560P60L5 Datasheet HTML 87Page - STMicroelectronics SPC560P60L5 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
84/104
Doc ID 18340 Rev 3
Figure 20. Start-up reset requirements(f)
Figure 21. Noise filtering on reset signal
f.
The output drive provided is open drain and hence must be terminated by an external resistor of value 1 k

VIL
VDD
device reset forced by
VRESET
VDDMIN
VRESET
VIH
device start-up phase
TPOR
VRESET
VIL
VIH
VDD
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
hw_rst
‘1’
‘0’
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More