| Zakładka z wyszukiwarką danych komponentów |
|
SPC56XL60/54 Arkusz danych(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56XL60/54 Arkusz danych(HTML) 27 Page - STMicroelectronics |
|
27 / 160 page ![]() SPC56XL60/54 Introduction Doc ID 15457 Rev 8 27/160 1.5.31 eTimer module The MPC5643L provides three eTimer modules (on the LQFP package eTimer_2 is available internally only without any external I/O access). Six 16-bit general purpose up/down timer/counters per module are implemented with the following features: ● Maximum clock frequency of 120 MHz ● Individual channel capability – Input capture trigger – Output compare – Double buffer (to capture rising edge and falling edge) – Separate prescaler for each counter – Selectable clock source – 0–100% pulse measurement – Rotation direction flag (Quad decoder mode) ● Maximum count rate – Equals peripheral clock divided by 2 for external event counting – Equals peripheral clock for internal clock counting ● Cascadeable counters ● Programmable count modulo ● Quadrature decode capabilities ● Counters can share available input pins ● Count once or repeatedly ● Preloadable counters ● Pins available as GPIO when timer functionality not in use ● DMA support 1.5.32 Sine Wave Generator (SWG) A digital-to-analog converter is available to generate a sine wave based on 32 stored values for external devices (ex: resolver). 1.5.33 Analog-to-Digital Converter module (ADC) The ADC module features include: |