Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPC56AP60L3 Arkusz danych(PDF) 92 Page - STMicroelectronics

Numer części SPC56AP60L3
Szczegółowy opis  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56AP60L3 Arkusz danych(HTML) 92 Page - STMicroelectronics

Back Button SPC56AP60L3 Datasheet HTML 88Page - STMicroelectronics SPC56AP60L3 Datasheet HTML 89Page - STMicroelectronics SPC56AP60L3 Datasheet HTML 90Page - STMicroelectronics SPC56AP60L3 Datasheet HTML 91Page - STMicroelectronics SPC56AP60L3 Datasheet HTML 92Page - STMicroelectronics SPC56AP60L3 Datasheet HTML 93Page - STMicroelectronics SPC56AP60L3 Datasheet HTML 94Page - STMicroelectronics SPC56AP60L3 Datasheet HTML 95Page - STMicroelectronics SPC56AP60L3 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
Electrical characteristics
SPC56xP54x, SPC56xP60x
92/104
Doc ID 18340 Rev 3
Figure 29. DSPI classic SPI timing — master, CPHA = 0
12
tHO
CC D Data hold time for outputs
Master (MTFE = 0)
–2
—
ns
Slave
6
—
Master (MTFE = 1, CPHA = 0)
6
—
Master (MTFE = 1, CPHA = 1)
–2
—
1.
All timing are provided with 50pF capacitance on output, 1ns transition time on input signal
Table 41.
DSPI timing(1) (continued)
No.
Symbol
C
Parameter
Conditions
Min
Max
Unit
Data
Last Data
First Data
First Data
Data
Last Data
SIN
SOUT
PCSx
SCK Output
4
9
12
1
11
10
4
SCK Output
(CPOL=0)
(CPOL=1)
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More