Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SF2038B Arkusz danych(PDF) 7 Page - RF Monolithics, Inc

Numer części SF2038B
Szczegółowy opis  Designed for SDARS IF Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFM [RF Monolithics, Inc]
Strona internetowa  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2038B Arkusz danych(HTML) 7 Page - RF Monolithics, Inc

  SF2038B Datasheet HTML 1Page - RF Monolithics, Inc SF2038B Datasheet HTML 2Page - RF Monolithics, Inc SF2038B Datasheet HTML 3Page - RF Monolithics, Inc SF2038B Datasheet HTML 4Page - RF Monolithics, Inc SF2038B Datasheet HTML 5Page - RF Monolithics, Inc SF2038B Datasheet HTML 6Page - RF Monolithics, Inc SF2038B Datasheet HTML 7Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
76.500 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 7
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2038B-082905
Tape and Reel Specifications
“B “
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
2000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
5.5 mm
Bo
7.5 mm
Ko
2.0 mm
Pitch
8.0 mm
W
16.0 mm
PIN #1
See Detail "A"
2.0
12.0
16.0



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com