Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPS40M100C Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STPS40M100C
Szczegółowy opis  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40M100C Arkusz danych(HTML) 5 Page - STMicroelectronics

  STPS40M100C Datasheet HTML 1Page - STMicroelectronics STPS40M100C Datasheet HTML 2Page - STMicroelectronics STPS40M100C Datasheet HTML 3Page - STMicroelectronics STPS40M100C Datasheet HTML 4Page - STMicroelectronics STPS40M100C Datasheet HTML 5Page - STMicroelectronics STPS40M100C Datasheet HTML 6Page - STMicroelectronics STPS40M100C Datasheet HTML 7Page - STMicroelectronics STPS40M100C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS40M100C
Package information
Doc ID 15522 Rev 3
5/8
2
Package information
●
Epoxy meets UL94, V0
●
Cooling method: conduction
●
Recommended torque value: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
TO-220AB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M



Html Pages

1 2 3 4 5 6 7 8