Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-ISF001V2 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STEVAL-ISF001V2
Szczegółowy opis  New 3 kW FOT PFC based on the L6563S and STW88N65M5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISF001V2 Arkusz danych(HTML) 1 Page - STMicroelectronics

  STEVAL-ISF001V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISF001V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISF001V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISF001V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
May 2012
Doc ID 023212 Rev 1
1/4
4
STEVAL-ISF001V2
New 3 kW FOT PFC based on the L6563S and STW88N65M5
Data brief
Features
FOT power systems based on the L6563
Single range input voltage from 185 V to 265 V
@ 50/60 Hz line
Output voltage 400 V ±5%
Inductor saturation protection
Optimized EMC input filter (EN55014 and
EN55022)
Power factor > 0.98
Efficiency higher than 95%
THD below 10% starting from 1 kW
RoHS compliant
Description
The STEVAL-ISF001V2 demonstration board
provides a compact and ready-to-use solution for
the implementation of a simple PFC system able
to supply loads with a power close to the
maximum delivered in the most typical domestic
installations.
For such a power range the use of a continuous
mode PFC operation becomes mandatory in
order to drain from the net a current with an RMS
value that does not surpass the maximum allowed
from the metering system and to have a
reasonable device size involved in the system
operations.
Normally, the use of a standard continuous mode
driver chip means the use of a more expensive
and complex driver along with all the passive
components required.
STMicroelectronics has patented a solution that
allows the use of a simple driver, designed for
transition mode operation, in a fixed off-time,
variable frequency, PWM modulation.
This kind of modulation gives a current on the
boost inductor of the PFC that is comparable with
the current obtained using a classic continuous
mode modulation.
www.st.com


Podobny numer części - STEVAL-ISF001V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-ISF002V1 STMICROELECTRONICS-STEVAL-ISF002V1 Datasheet
171Kb / 4P
1.4 kW digital PFC demonstration board based on the STW23NM60N and TD352
26-Apr-2010
STEVAL-ISF003V1 STMICROELECTRONICS-STEVAL-ISF003V1 Datasheet
325Kb / 6P
Low standby losses power front-end with inrush current-limitation
16-Jun-2016
More results

Podobny opis - STEVAL-ISF001V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-ILL009V5 STMICROELECTRONICS-STEVAL-ILL009V5 Datasheet
105Kb / 5P
New RGB color demonstration board based on the STP04CM05 and ST1S10
28-Oct-2008
STEVAL-IMR002V1 STMICROELECTRONICS-STEVAL-IMR002V1 Datasheet
292Kb / 4P
2 kW/100 V RF demonstration board for 3 T MRI based on the STAC4932B
20-Dec-2011
STEVAL-ISF002V1 STMICROELECTRONICS-STEVAL-ISF002V1 Datasheet
171Kb / 4P
1.4 kW digital PFC demonstration board based on the STW23NM60N and TD352
26-Apr-2010
UM0673 STMICROELECTRONICS-UM0673 Datasheet
757Kb / 19P
The power board STEVAL-ISF001V2 is a 3 kW PFC designed
19-Dec-2012
AN2755 STMICROELECTRONICS-AN2755 Datasheet
710Kb / 24P
400 W FOT-controlled PFC pre-regulator with the L6562A
30-Jul-2008
AN2485 STMICROELECTRONICS-AN2485 Datasheet
735Kb / 29P
400 W FOT-controlled PFC pre-regulator with the L6563
22-Mar-2007
AN2994 STMICROELECTRONICS-AN2994 Datasheet
2Mb / 38P
400 W FOT-controlled PFC pre-regulator with the L6563S
30-Nov-2010
AN3065 STMICROELECTRONICS-AN3065 Datasheet
1Mb / 33P
100 W transition-mode PFC pre-regulator with the L6563S
06-Sep-2010
AN3119 STMICROELECTRONICS-AN3119 Datasheet
2Mb / 32P
250 W transition-mode PFC pre-regulator with the new L6563S
24-Nov-2010
AN4149 STMICROELECTRONICS-AN4149 Datasheet
2Mb / 43P
Designing a CCM PFC pre-regulator based on the L4984D
06-Jun-2013
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com