Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LRI1K Arkusz danych(PDF) 33 Page - STMicroelectronics

Numer części LRI1K
Szczegółowy opis  1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI1K Arkusz danych(HTML) 33 Page - STMicroelectronics

Back Button LRI1K Datasheet HTML 29Page - STMicroelectronics LRI1K Datasheet HTML 30Page - STMicroelectronics LRI1K Datasheet HTML 31Page - STMicroelectronics LRI1K Datasheet HTML 32Page - STMicroelectronics LRI1K Datasheet HTML 33Page - STMicroelectronics LRI1K Datasheet HTML 34Page - STMicroelectronics LRI1K Datasheet HTML 35Page - STMicroelectronics LRI1K Datasheet HTML 36Page - STMicroelectronics LRI1K Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
LRI1K
LRI1K states
Doc ID 17170 Rev 3
33/86
11
LRI1K states
An LRI1K can be in one of 4 states:
Power-off
Ready
Quiet
Selected
Transitions between these states are specified in Figure 37: LRI1K state transition diagram
and Table 9: LRI1K response depending on request flags.
11.1
Power-off state
The LRI1K is in the Power-off state when it does not receive enough energy from the VCD.
11.2
Ready state
The LRI1K is in the Ready state when it receives enough energy from the VCD. When in the
Ready state, the LRI1K answers any request where the Select_flag is not set.
11.3
Quiet state
When in the Quiet state, the LRI1K answers any request except for Inventory requests with
the Address_flag set.
11.4
Selected state
In the Selected state, the LRI1K answers any request in all modes (see Section 12: Modes):
request in Select mode with the Select flag set
request in Addressed mode if the UID matches
request in Non-Addressed mode as it is the mode for general requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86