| Zakładka z wyszukiwarką danych komponentów |
|
SRI2K Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRI2K Arkusz danych(HTML) 10 Page - STMicroelectronics |
|
10 / 45 page ![]() Data transfer SRI2K 10/45 Doc ID 15779 Rev 3 3.1.2 Request start of frame The SOF described in Figure 5 is composed of: ● one falling edge, ● followed by 10 ETUs at logic-0, ● followed by a single rising edge, ● followed by at least 2 ETUs (and at most 3) at logic-1. Figure 5. Request start of frame 3.1.3 Request end of frame The EOF shown in Figure 6 is composed of: ● one falling edge, ● followed by 10 ETUs at logic-0, ● followed by a single rising edge. Figure 6. Request end of frame Table 2. Bit description Bit Description Value b0 Start bit used to synchronize the transmission b0 = 0 b1 to b8 Information byte (command, address or data) The information byte is sent with the least significant bit first b9 Stop bit used to indicate the end of a character b9 = 1 ai07665 ETU b0 b1 b2 b3 b4 b5 b6 b7 b8 b9 b10 b11 0000000000 11 ai07666 ETU b0 b1 b2 b3 b4 b5 b6 b7 b8 b9 0000000000 |