| Zakładka z wyszukiwarką danych komponentów |
|
SS1102ESOT Arkusz danych(PDF) 3 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS1102ESOT Arkusz danych(HTML) 3 Page - SEC Electronics Inc. |
|
3 / 7 page ![]() SS1102 Unipolar Hall Switch-Low Sensitivity Pins Definition and Description SOT Pin № SIP Pin № Name Type Function 1 1 VDD Supply Supply Voltage pin 2 3 OUT Output Open Drain Output pin 3 2 GND Ground Ground pin Absolute Maximum Ratings Parameter Symbol Value Units Supply Voltage VDD 28 V Supply Current IDD 50 mA Output Voltage VOUT 28 V Output Current IOUT 50 mA Storage Temperature Range TS -65 to 170 °C Absolute maximum ratings Operating Temperature Range Symbol Value Units Temperature Suffix “E” TA -40 to 85 °C Temperature Suffix “K” TA -40 to 125 °C Temperature Suffix “L” TA -40 to 150 °C Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum- rated conditions for extended periods may affect device reliability. 3 V2.00 May 1, 2012 |