| Zakładka z wyszukiwarką danych komponentów |
|
SS1102EUA Arkusz danych(PDF) 4 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS1102EUA Arkusz danych(HTML) 4 Page - SEC Electronics Inc. |
|
4 / 7 page ![]() SS1102 Unipolar Hall Switch-Low Sensitivity General Electrical Specifications DC Operating Parameters TA = 25℃, VDD= 3.5V to 24V (unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Supply Voltage VDD Operating 3.5 24 V Supply Current IDD B < BRP 1.5 2.5 5 mA Output Saturation Voltage VDSon IOUT = 20mA, B > BOP 0.4 0.5 V Output Leakage Current IOFF B < BRP VOUT = 24V 0.01 10 µA Output Rise Time tr RL = 1kΩ, CL = 20pF 0.25 µs Output Fall Time tf RL =1kΩ, CL = 20pF 0.25 µs Magnetic Specifications DC Operating Parameters VDD = 3.5V to 24V (unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Operating Point BOP 60 80 100 G Release Point BRP 20 50 80 G Hysteresis BHYS Ta=25℃,Vdd=12V DC 30 G Application Information Typical Three-Wire Application Circuit Automotive and Harsh, Noisy Environments Three-Wire Circuit 4 V2.00 May 1, 2012 |