| Zakładka z wyszukiwarką danych komponentów |
|
SS199LSOT Arkusz danych(PDF) 3 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS199LSOT Arkusz danych(HTML) 3 Page - SEC Electronics Inc. |
|
3 / 5 page ![]() SS199 Unipolar Hall Switch-Low Sensitivity General Electrical Specifications DC Operating Parameters TA = 25 , V ℃ DD= 3.5V to 24V (unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Supply Voltage VDD Operating 3.5 24 V Supply Current IDD B < BRP 1.5 2.5 5 mA Output Saturation Voltage VDSon IOUT = 20mA, B > BOP 0.4 0.5 V Output Leakage Current IOFF B < BRP VOUT = 24V 0.01 10 µA Output Rise Time tr RL = 1kΩ, CL = 20pF 0.25 µs Output Fall Time tf RL = 1kΩ, CL = 20pF 0.25 µs Table 3: Electrical Specifications Magnetic Specifications DC Operating Parameters VDD = 3.5V to 24V (unless otherwise specified) SS199 Parameter Symbol Test Conditions Min Typ Max Units Operating Point BOP 60 80 100 G Release Point BRP 20 50 80 G Hysteresis BHYST Ta=25 ,V ℃ DD=12V DC 30 G Table 4: Magnetic Specifications Application Information Typical Three-Wire Application Circuit Automotive and Harsh, Noisy Environments Three-Wire Circuit 3 V2.10 May 1, 2012 |