| Zakładka z wyszukiwarką danych komponentów |
|
SS239 Arkusz danych(PDF) 3 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS239 Arkusz danych(HTML) 3 Page - SEC Electronics Inc. |
|
3 / 8 page ![]() SS239 CMOS Omnipolar High Sensitivity Micropower Hall Switch Pin Definitions and Descriptions SOT Pin № SIP Pin № Name Type Function 1 1 VDD Supply Supply Voltage pin 2 3 OUT Output Open Drain Output pin 3 2 GND Ground Ground pin Table 1: Pin definitions and descriptions Absolute Maximum Ratings Parameter Symbol Value Units Supply Voltage (operating) VDD 6 V Supply Current IDD 5 mA Output Voltage VOUT 6 V Output Current IOUT 5 mA Operating Temperature Range TA -40 to 85 °C Storage Temperature Range TS -50 to 150 °C ESD Sensitivity - 4000 V Table 2: Absolute maximum ratings Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. DC Electrical Characteristics DC Operating Parameters: TA = 25℃, VDD= 2.75V. Parameter Symbol Test Conditions Min Typ Max Units Supply Voltage VDD Operating 2.5 3 5.5 V Supply Current IDD Average 5 µA Output Current IOUT 1.0 mA Saturation Voltage VSAT IOUT = 1mA 0.4 V Awake mode time TAW Operating 175 µs Sleep mode time TSL Operating 70 ms Table 3: DC Electrical Characteristics 3 V2.10 May 1, 2012 |