| Zakładka z wyszukiwarką danych komponentów |
|
SS239KSOT Arkusz danych(PDF) 2 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS239KSOT Arkusz danych(HTML) 2 Page - SEC Electronics Inc. |
|
2 / 8 page ![]() SS239 CMOS Omnipolar High Sensitivity Micropower Hall Switch Typical Application Circuit SEC's pole-independent sensing technique allows for operation with either a north pole or south pole magnet orientation, enhancing the manufacturability of the device. The state-of-the-art technology provides the same output polarity for either pole face. It is strongly recommended that an external bypass be connected (in close proximity to the Hall sensor) between the supply and ground of the device to reduce both external noise and noise generated by the chopper-stabilization technique. This is especially true due to the relatively high impedance of battery supplies. Internal Timing Circuit Current Period Iaw Sam ut ple & Outp Latched Iavg Isp Awake Taw: 175μs Sleep Tsl: 70ms 0 Time 2 V2.10 May 1, 2012 |