| Zakładka z wyszukiwarką danych komponentów |
|
AMG-PI004 Arkusz danych(PDF) 4 Page - alpha microelectronics gmbh |
|
|
|||||||||||||||||||||||||||||
AMG-PI004 Arkusz danych(HTML) 4 Page - alpha microelectronics gmbh |
|
4 / 20 page ![]() AMG-PI004 H-Bridge/Full Bridge Array of P and N channel MOSFETs 4. Block Diagram 5. Block Descriptions 2x PMOS and 2x NMOS 6. Pinning PIN# Symbol Description 1 N-Source Common NMOS Source, negative supply or GND 2 G2 Left NMOS Gate 3 G1 Left PMOS Gate 4 L-Drain Left Drain, left load connection 5 P-Source Common PMOS Source, positive supply 6 G4 Right PMOS Gate 7 G3 Right NMOS Gate 8 R-Drain Right Drain, right load connection AMG-PI004 Revision: B 06.11.12 © All rights reserved Page 4 of 20 5 S1 6 7 8 3 4 2 1 S4 G1 G4 G2 G3 D1 D4 D3 S3 D2 S2 Figure 2: Block Diagram |