| Zakładka z wyszukiwarką danych komponentów |
|
VNH5180A-E Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH5180A-E Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 31 page ![]() VNH5180A-E Application information Doc ID 17074 Rev 5 21/31 Series resistor must be inserted to limit the current sunk from the microcontroller I/Os. If IRmax is the maximum target reverse current through microcontroller I/Os, series resistor is: Figure 13. Half-bridge configuration Note: The VNH5180A-E can be used as a high power half-bridge driver achieving an On resistance per leg of 90 m Ω. Figure 14. Multi-motors configuration Note: The VNH5180A-E can easily be designed in multi-motors driving applications such as seat positioning systems where only one motor must be driven at a time. DIAGX/ENX pins allow to put unused half-bridges in high impedance. R V IOs V CC – I Rmax --------------------------------- = M OUTA OUTA OUTB OUTB VCC PWM DIAGA/ENA INA DIAGB/ENB INB GND GND PWM DIAGA/ENA INA DIAGB/ENB INB M2 OUTA OUTA OUTB OUTB VCC PWM DIAGA/ENA INA DIAGB/ENB INB GND GND PWM DIAGA/ENA INA DIAGB/ENB INB M1 M3 |