| Zakładka z wyszukiwarką danych komponentów |
|
WM8904ECS/R Arkusz danych(PDF) 60 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8904ECS/R Arkusz danych(HTML) 60 Page - Wolfson Microelectronics plc |
|
60 / 188 page ![]() WM8904 Pre-Production w PP, Rev 3.3, September 2012 60 EQ GAIN SETTING GAIN (DB) 00000 -12 00001 -11 00010 -10 00011 -9 00100 -8 00101 -7 00110 -6 00111 -5 01000 -4 01001 -3 01010 -2 01011 -1 01100 0 01101 +1 01110 +2 01111 +3 10000 +4 10001 +5 10010 +6 10011 +7 10100 +8 10101 +9 10110 +10 10111 +11 11000 +12 11001 to 11111 Reserved Table 26 EQ Gain Control RETUNE TM MOBILE MODE ReTune TM Mobile mode provides a comprehensive facility for the user to define the cut-off/centre frequencies and filter bandwidth for each EQ band, in addition to the gain controls already described. This enables the EQ to be accurately customised for a specific transducer characteristic or desired sound profile. The EQ enable and EQ gain controls are the same as defined for the default mode. The additional coefficients used in ReTune TM Mobile mode are held in registers R140 to R157. These coefficients are derived using tools provided in Wolfson’s WISCE™ evaluation board control software. Please contact your local Wolfson representative for more details. EQ FILTER CHARACTERISTICS The filter characteristics for each frequency band are shown in Figure 30 to Figure 34. These figures show the frequency response for all available gain settings, using default cut-off/centre frequencies and bandwidth. |