| Zakładka z wyszukiwarką danych komponentów |
|
WM7220IMS/V Arkusz danych(PDF) 5 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM7220IMS/V Arkusz danych(HTML) 5 Page - Wolfson Microelectronics plc |
|
5 / 12 page ![]() Preliminary Technical Data WM7220 w PTD, Rev 2.3, December 2011 5 ACOUSTIC AND ELECTRICAL CHARACTERISTICS Test Conditions: VDD=1.8V, 1kHz test signal, CLK=2.4MHz, TA = 25°C PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Directivity Omni-directional Sensitivity (WM7220) S 94 dB SPL -29 -26 -23 dBFS Sensitivity (WM7220E) S 94 dB SPL -27 -26 -25 dBFS Acoustic Overload THD < 10% 120 dB SPL Signal to Noise Ratio SNR A-Weighted 58 dB Total Harmonic Distortion THD 100dB SPL 0.1 1 % Frequency Response -3dB Low frequency 35 Hz +3dB High frequency 9000 Hz Acoustic Noise Floor A-weighted 36 dB SPL Electrical Noise Floor A-weighted -84 dBFS Power Supply Rejection PSR 217Hz Square Wave 100mV pk-pk -65 dBFS Digital Input / Output CLK Input HIGH Level VIH 0.65 x VDD V CLK Input LOW Level VIL 0.35 x VDD V DAT Output HIGH Level VOH IOH = +1mA 0.9 x VDD V DAT Output LOW Level VOL IOL = -1mA 0.1 x VDD V Input capacitance (CLK) CIN 0.5 pF Maximum load capacitance (DAT) CLOAD 100 pF Input Leakage 1 μA Short Circuit Output Current ISC DAT connected to GND 10 mA Miscellaneous Current Consumption IVDD Active Mode 650 μA SLEEP Mode 2 10 Start-up Time From OFF 10 ms From SLEEP 10 CLK Sleep Frequency 1.0 kHz TERMINOLOGY 1. Sensitivity (dBFS) - Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz 94dB SPL (1Pa RMS) sine wave. This is referenced to the output Full Scale Range (FSR) of the microphone. 2. Full Scale Range (FSR) - Sensitivity, Electrical Noise Floor and Power Supply Rejection are measured with reference to the output Full Scale Range (FSR) of the microphone. FSR is defined as the amplitude of a 1kHz sine wave output whose positive peak value reaches 100% density of logic 1s and whose negative peak value reaches 0% density of logic 1s. This is the largest undistorted 1kHz sine wave that will fit in the digital output numerical range. Note that, because the definition of FSR is based on a sine wave, it is possible to support a square wave test signal output whose level is +3dBFS. 3. Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the output response of a 1kHz 94dB SPL sine wave and the idle noise output. 4. Total Harmonic Distortion (%) – THD is the ratio of the RMS sum of the harmonic distortion products in the specified bandwidth (see note below) relative to the RMS amplitude of the fundamental (ie. test frequency) output. 5. All performance measurements are carried out with 20kHz low pass ‘brick-wall’ filter and, where noted, an A-weighted filter. Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and Electrical Characteristics. The brick wall filter removes out of band noise. |