| Zakładka z wyszukiwarką danych komponentów |
|
DEM9SA Arkusz danych(PDF) 10 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SA Arkusz danych(HTML) 10 Page - ITT Industries |
|
10 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 9 D Subminiature ZD* Straight Solder Termination (Stamped) Part Numbers Shell Size Layout Through Hole Standoff With Boardlock DE 9 ZDE9S-OL2 ZDEE9S-OL2-146 DA 15 ZDA15S-OL2 ZDAE15S-OL2-146 DB 25 ZDB25S-OL2 ZDBE25S-OL2-146 DC 37 ZDC37S-OL2 ZDCE37S-OL2-146 DD 50 ZDD50S-OL2 ZDDE50S-OL2-146 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) DD 66,93 (2.635) 52,42 (2,064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) Receptacle Engaging Face 2,84 (.112) F W 1,00 (.040) REF Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Hardware removed for clarity 3,18 (.125) MIN STANDOFF # 4-40 UNC 4,32 (.170) 0,64 (.025) REF REF 6,00 (.236) A C B 10 ° E D POSITION 1 |