| Zakładka z wyszukiwarką danych komponentów |
|
DBM25SF Arkusz danych(PDF) 35 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SF Arkusz danych(HTML) 35 Page - ITT Industries |
|
35 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 34 D Subminiature ZD* Solder Cup Termination (Stamped) with Tin Shells Part Numbers Shell Size Layout Through Hole DE 9 ZDE9P DA 15 ZDA15P DB 25 ZDB25P DC 37 ZDC37P DD 50 ZDD50P Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Plug Engaging Face Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 30-31. Reader’s Resource For contact cavity arrangements, see page 224. For panel cutouts, see page 221. For hardware views (Standard), see page 226. 2,84 (.112) W F DD Configuration A C B E D Ø 3,05 (.120) 10 ° POSITION 1 10,72 (.422) MAX 5,69 (.224) L 2,84 (.112) K |