| Zakładka z wyszukiwarką danych komponentów |
|
DBM25SF Arkusz danych(PDF) 166 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SF Arkusz danych(HTML) 166 Page - ITT Industries |
|
166 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 165 D Subminiature Military/High Reliability High Voltage Straight PCB (Size DD) Part Numbers with Standoff #4-40 UNC Shell Size Layout Part Number Without Screw Locks Without Boardlocks Part Number Without Screw Locks With Boardlocks Part Number With Screw Locks With Boardlocks DD 24W7 DDMMV24V7SN DDMMZ24V7SN DDMMN24V7SN DD 36W4 DDMMV36V4SN DDMMZ36V4SN DDMMN36V4SN DD 43W2 DDMMV43V2SN DDMMZ43V2SN DDMMN43V2SN DD 47W1 DDMMV47V1SN DDMMZ47V1SN DDMMN47V1SN Dimensions Receptacle Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 0,76 (.030) Receptacle Engaging Face Hardware and high voltage contacts removed for clarity Reader’s Resource For contact cavity arrangements, see page 223. For P.C. hole patterns, see page 259. For panel cutouts, see page 221. For hardware views (Standard), see page 226. A C E D B 10 ° Ø 0,76 (.030) SCREW LOCK #4-40 UNC BOARDLOCK 2,92 (.115) 7,62 ± 0,25 (.300 ± .010) 6,50 ± 0,25 (.256 ± .010) STANDOFF #4-40 UNC 4,52 (.178) 5,69 (.224) 2,84 (.112) L F W |