Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RTP26010-12 Arkusz danych(PDF) 3 Page - RFHIC

Numer części RTP26010-12
Szczegółowy opis  RTP26010-12 has been designed for RF system application frequencies from 2496MHz to 2690MHz, with high gain.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFHIC [RFHIC]
Strona internetowa  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP26010-12 Arkusz danych(HTML) 3 Page - RFHIC

  RTP26010-12 Datasheet HTML 1Page - RFHIC RTP26010-12 Datasheet HTML 2Page - RFHIC RTP26010-12 Datasheet HTML 3Page - RFHIC RTP26010-12 Datasheet HTML 4Page - RFHIC RTP26010-12 Datasheet HTML 5Page - RFHIC RTP26010-12 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
G
Ga
aN
N--S
SiiC
C P
Pa
alllle
ett A
Am
mp
plliiffiie
er
r
R
RT
TP
P2
26
60
01
10
0--1
12
2
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 0.5
Outline Drawing
1 TDD_control
7GND
+30Vdc
+30Vdc
9
8
Temp._Monitor
GND
GND
+5Vdc
4
5
6
3
2GND
I/O
+30Vdc
10
WHEN THE CASE IS OPEN
TO DAMAGE FROM E.S.D OR E.M.I
THIS DEVICE IS SUSCEPTIBLE
CAUTION
1
10



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com