| Zakładka z wyszukiwarką danych komponentów |
|
DAMMP3C3PJ Arkusz danych(PDF) 209 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3C3PJ Arkusz danych(HTML) 209 Page - ITT Industries |
|
209 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 208 D Subminiature Accessories Locking Hardware Male Screw Lock Shell Size Part Number A ±0,38 (.015) B ±0,25 (.010) C ±0,13 (.005) DE, DA, DB, DC D20419 14,10 (.555) 6,35 (.250) 1,22 (.048) DE, DA, DB, DC D20419-18 14,10 (.555) 7,14 (.281) 1,70 (.067) DE, DA, DB, DC D20419-21 14,10 (.555) 7,14 (.281) 2,34 (.092) DE, DA, DB, DC D20419-104 14,10 (.555) 7,92 (.312) 2,34 (.092) DD D20420 16,66 (.656) 6,35 (.250) 1,22 (.048) DD D20420-13 16,66 (.656) 7,14 (.281) 1,70 (.067) DD D20420-15 16,66 (.656) 7,14 (.281) 2,34 (.092) DD D20420-86 16,66 (.656) 7,92 (.312) 2,34 (.092) B SCREW #4-40 UNC-2A THD C CLIP GAP A CLIP Screw Lock Assemblies SCREW CLIP WITH THD NUT WASHER LOCK WASHER HEX NUT MOUNTING PANEL D SUBMINIATURE CONNECTOR PIN OR SOCKET D SUBMINIATURE CONNECTOR PIN OR SOCKET ITT Cannon offers the largest variety of locking and latching hardware. Refer to the accessories selection guide on pages 198-199 for use with ITT Cannon backshells. Product Features Ensures positive mating Provides locking and latching for high vibration applications Kit consists of 1 screw and 1 clip Order 2 per connector Material: Steel Finish: Yellow Chromate over Cadmium or Zinc Front Panel Mount Rear Panel Mount |