| Zakładka z wyszukiwarką danych komponentów |
|
DAMMP3C3PJ Arkusz danych(PDF) 100 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP3C3PJ Arkusz danych(HTML) 100 Page - ITT Industries |
|
100 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 99 D Subminiature Commercial Micro D — MDSM PCB Connector 90 ° - Single PCB Connector 90 ° - Stacked No. of Contacts Part Numbers - Single Thumbscrew Push/Pull A max. B C max. D max. E F ±0,05 (.002) 9 MDSM-9PE-Z10-VR25* MDSM-9E-Z42-VR25* 19,90 (.783) 14,35 (.565) 8,60 (.339) 9,00 (.354) 5,08 (.200) 10,24 (.403) 15 MDSM-15PE-Z10-VR22 MDSM-15PE-Z42-VR22 23,60 (.929) 18,16 (.715) 12,30 (.484) 12,90 (.508) 8,89 (.350) 14,01 (.551) 25 MDSM-25PE-Z10-VR17 MDSM-25PE-Z42-VR17 29,95 (1.179) 24,51 (.965) 18,65 (.734) 19,25 (.758) 15,24 (.600) 20,35 (.801) *For use with SSA applications No. of Contacts Part Numbers - Stacked Thumbscrew Push/Pull A max. B C max. D max. E F 18 MDSM-18PE-Z10-VR25* MDSM-18PE-Z42-VR25* 19,90 (.783) 14,35 (.565) 8,60 (.339) 9,00 (.354) 5,08 (.200) 10,24 (.403) 30 MDSM-30PE-Z10-VR22 MDSM-30PE-Z42-VR22 23,50 (.925) 18,16 (.715) 12,30 (.484) 12,71 (.500) 8,89 (.350) 14,00 (.551) *For use with SSA applications Note: Standard jackpost offering recommended for use with .060 panel. |