Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHW803 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MHW803
Szczegółowy opis  2 W, 806 to 905 MHz UHF POWER AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW803 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MHW803 Datasheet HTML 1Page - Motorola, Inc MHW803 Datasheet HTML 2Page - Motorola, Inc MHW803 Datasheet HTML 3Page - Motorola, Inc MHW803 Datasheet HTML 4Page - Motorola, Inc MHW803 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
MHW803–2
MOTOROLA RF DEVICE DATA
The RF Line
UHF Power Amplifiers
Capable of wide power range control as encountered in portable cellular radio
applications (30 dB typical).
• MHW803–2 806–870 MHz
• Specified 7.5 Volt Characteristics
RF Input Power = 1 mW (0 dBm)
RF Output Power = 2 Watts
Minimum Gain (VControl = 4 V) = 33 dB
Harmonics = – 45 dBc Max @ 2 fo
• 50 Ω Input/Output Impedance
• Guaranteed Stability and Ruggedness
• Epoxy Glass PCB Construction Gives Consistent Performance and Reliability
• Circuit board photomaster available upon request by contacting RF Tactical
Marketing in Phoenix, AZ.
MAXIMUM RATINGS (Flange Temperature = 25
°C)
Rating
Symbol
Value
Unit
DC Supply Voltage (Pins 2,3,4)
Vs1,2,3
10
Vdc
DC Control Voltage (Pin 1)
VCont
4
Vdc
RF Input Power
Pin
3
mW
RF Output Power (Vs1 = Vs2 = Vs3 = 10 V)
Pout
3
W
Operating Case Temperature Range
TC
– 30 to +100
°C
Storage Temperature Range
Tstg
– 30 to +100
°C
ELECTRICAL CHARACTERISTICS Vs1 = Vs2 = Vs3 = 7.5 Vdc, (Pins 2,3,4), TC = 25°C, 50 W System
Characteristic
Symbol
Min
Max
Unit
Frequency Range
806
870
MHz
Control Voltage (Pout = 2 W, Pin = 1 mW) (1)
VCont
0
4
Vdc
Quiescent Current (Vs1, Pin 2 = 7.5 Vdc) (2)
Is1(q)
65
mA
Power Gain (Pout = 2 W, VCont = 4 Vdc)
Gp
33
dB
Efficiency (Pout = 2 W, Pin = 1 mW) (1)
h
37
%
Harmonics (Pout = 2 W) (1)
2 fo
(Pin = 1 mW)
3 fo
–45
–55
dBc
Input VSWR (Pout = 2 W, Pin = 1 mW), 50 W Ref. (1)
2.0:1
Noise power 30 kHz Bandwidth, 45 MHz above fo
(Pout = 2 W (1)
TC = + 25°C
(Pin = 1 mW)
TC = +100°C
–85
–82
dBm
dBm
Load Mismatch (Vs1 = Vs2 = Vs3 = 10 Vdc)
VSWR = 10:1, Pout = 3 W, Pin = 3 mW (1)
No Degradation
in Power Output
Stability (Pin = 0.5 – 2 mW, Vs1 = Vs2 = Vs3 = 6 – 9 Vdc)
Pout between 0 mW and 2 W (1)
Load VSWR = 6:1, Source VSWR = 3:1)
All spurious outputs
more than 60 dB
below desired signal
NOTES:
1. Adjust Vcont for specified Pout.
2. VCont = 0 Vdc.
Order this document
by MHW803/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MHW803-2
2 W, 806 to 905 MHz
UHF POWER
AMPLIFIERS
CASE 301E–04, STYLE 1
© Motorola, Inc. 1997
REV 7


Podobny numer części - MHW803

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MHW804 MOTOROLA-MHW804 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW804-1 MOTOROLA-MHW804-1 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW804-2 MOTOROLA-MHW804-2 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW807 MOTOROLA-MHW807 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
More results

Podobny opis - MHW803

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MHW720A1 MOTOROLA-MHW720A1 Datasheet
89Kb / 4P
UHF Power Amplifiers
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
MHW927A MOTOROLA-MHW927A Datasheet
166Kb / 6P
6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
logo
TAI-SAW TECHNOLOGY CO.,...
TA1071A TAI-SAW-TA1071A Datasheet
413Kb / 7P
SAW Filter 806 MHz
logo
RF Monolithics, Inc
SF2198E RFM-SF2198E Datasheet
848Kb / 5P
806 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2198E MURATA-SF2198E Datasheet
848Kb / 5P
806 MHz SAW Filter
logo
TriQuint Semiconductor
856979 TRIQUINT-856979_15 Datasheet
793Kb / 9P
806/847 MHz Duplexer
logo
New Jersey Semi-Conduct...
MRF839 NJSEMI-MRF839 Datasheet
48Kb / 1P
3 W 806-960 MHz RF POWER TRANSISTORS COMMON-EMITTER NPN SIUCON
logo
TAI-SAW TECHNOLOGY CO.,...
TA1299A TAI-SAW-TA1299A Datasheet
481Kb / 6P
SAW Filter 806 MHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com