Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHW804 Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MHW804
Szczegółowy opis  4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW804 Arkusz danych(HTML) 1 Page - Motorola, Inc

  MHW804 Datasheet HTML 1Page - Motorola, Inc MHW804 Datasheet HTML 2Page - Motorola, Inc MHW804 Datasheet HTML 3Page - Motorola, Inc MHW804 Datasheet HTML 4Page - Motorola, Inc MHW804 Datasheet HTML 5Page - Motorola, Inc MHW804 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MHW804–1 MHW804–2
MOTOROLA RF DEVICE DATA
The RF Line
UHF Power Amplifiers
. . . designed specifically for portable radio applications. The MHW804 Series is
capable of wide power range control, operates from a 7.5 volt supply and
requires only 1.0 mW of RF input power.
• MHW804–1 — 800 to 870 MHz
MHW804–2 — 896 to 940 MHz
• Specified 7.5 Volt Characteristics:
RF Input Power — 1.0 mW (0 dBm)
RF Output Power — 4.0 W
Minimum Gain — 36 dB
Harmonics — – 45 dBc Max @ 2.0 fo
• 50 Ohm Input/Output Impedances
• Guaranteed Stability and Ruggedness
• Circuit board photomaster available upon request by
contacting RF Tactical Marketing in Phoenix, AZ.
MAXIMUM RATINGS (Flange Temperature = 25
°C)
Rating
Symbol
Value
Unit
DC Supply Voltage
Vs
10
Vdc
DC Control Voltage
Vcont
4.0
Vdc
RF Input Power
Pin
5.0
mW
RF Output Power
Pout
6.0
W
Operating Case Temperature Range
TC
– 30 to +100
°C
Storage Temperature Range
Tstg
– 30 to +100
°C
ELECTRICAL CHARACTERISTICS (TC = + 25°C, 50 ohm system, unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Frequency Range
MHW804–1
MHW804–2
BW
800
896
870
940
MHz
Power Gain (Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 V; Vcont = 3.75 V)
Gp
36
dB
Control Voltage (Pin = 0 dBm, Pout = 4.0 W, Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 V,
Adjust Vcont for specified Pout)
Vcont
3.75
Vdc
Efficiency (Same condition as for Vcont)
η
32
%
Current Drain (Same conditions as for Vcont)
IS1 + IS4 (Pins 2, 5)
IS2 + IS3 + IS5 (Pins 3, 4, 6)
Icontrol (Pin 1)
ID
210
1430
0.2
mA
Input VSWR (Same conditions as for Vcont)
VSWRin
2.0:1
Harmonic Content (Same conditions as for Vcont)
2.0 fo
3.0 fo
– 45
– 50
dBc
Leakage Current — Is2 + Is3 + Is5 (Vs2 = Vs3 = Vs5 = 7.5 V; Vs1 = Vs4 = 0 V
Vcont = 0 V; Pin = 0 mW)
IL
0.3
mA
Standby Current — Is1 + Is4 (Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 V
Vcont = 4.0 V; Pin = 0 mW)
IS
220
mA
Load Mismatch Stress (Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 9.0 V;
Pin = 2.0 mW; Pout = 6.0 W; Load VSWR = 20:1, All Phase Angles.
Adjust Vcont for Specified Pout)
ψ
No Degradation
in Output Power
Stability (Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 6.0 to 9.0 V; PIN = – 1.0 dBm to + 3.0 dBm;
Pout = 1.0 W to 4.0 W; Load VSWR = 6:1, All Phase Angles;
Adjust Vcont for Specified Pout)
All Spurious Outputs
More Than 60 dB Below
Desired Signal
Order this document
by MHW804/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1994
MHW804-1
MHW804-2
4.0 WATTS
800 to 940 MHz
RF POWER
AMPLIFIERS
CASE 301F–03, STYLE 1
REV 6


Podobny numer części - MHW804

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MHW803 MOTOROLA-MHW803 Datasheet
79Kb / 5P
2 W, 806 to 905 MHz UHF POWER AMPLIFIERS
MHW807 MOTOROLA-MHW807 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
UHF POWER AMPLIFIERS
More results

Podobny opis - MHW804

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
MHW927A MOTOROLA-MHW927A Datasheet
166Kb / 6P
6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
logo
List of Unclassifed Man...
PM2602 ETC2-PM2602 Datasheet
766Kb / 4P
RFIC RF SWITCH 800 TO 2500 MHZ OPERATION
logo
M/A-COM Technology Solu...
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
API Technologies Corp
MR144M APITECH-MR144M Datasheet
114Kb / 1P
RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR144H APITECH-MR144H Datasheet
113Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
logo
Analog Devices
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
logo
Artesyn Technologies
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com