| Zakładka z wyszukiwarką danych komponentów |
|
TIP34 Arkusz danych(PDF) 2 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP34 Arkusz danych(HTML) 2 Page - Comset Semiconductor |
|
2 / 4 page ![]() PNP TIP34-A-B-C 02/10/2012 COMSET SEMICONDUCTORS 2 | 4 SEMICONDUCTORS ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit IB Base Current TIP34 -3 A TIP34A TIP34B TIP34C PC Power Dissipation @ Tc < 25° TIP34 80 Watts TIP34A TIP34B TIP34C @ Ta < 25° TIP34 3.5 TIP34A TIP34B TIP34C TJ Junction Temperature TIP34 150 °C TIP34A TIP34B TIP34C Ts Storage Temperature range TIP34 -65 to +150 TIP34A TIP34B TIP34C THERMAL CHARACTERISTICS Symbol Ratings Value Unit RthJ-MB From junction to mounting base TIP34 1.56 °C/W TIP34A TIP34B TIP34C RthJ-A From junction to ambient in free air TIP34 35.7 °C/W TIP34A TIP34B TIP34C |