| Zakładka z wyszukiwarką danych komponentów |
|
TIP42 Arkusz danych(PDF) 1 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP42 Arkusz danych(HTML) 1 Page - Comset Semiconductor |
|
1 / 4 page ![]() PNP TIP42-A-B-C 04/10/2012 COMSET SEMICONDUCTORS 1 | 4 SEMICONDUCTORS SILICON POWER TRANSISTORS They are epitaxial-base PNP power transistors mounted in jedec TO-220 plastic package. They are intended for use in medium power linear and switching applications. NPN complements are TIP41-A-B-C Compliance to RoHS. ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit VCBO Collector-Base Voltage TIP42 -40 V TIP42A -60 TIP42B -80 TIP42C -100 VCEO Collector-Emitter Voltage TIP42 -40 V TIP42A -60 TIP42B -80 TIP42C -100 VEBO Emitter-Base Voltage TIP42 -5 V TIP42A TIP42B TIP42C IC Collector Current TIP42 -6 A TIP42A TIP42B TIP42C ICM Collector Peak Current TIP42 -10 A TIP42A TIP42B TIP42C |
Podobny numer części - TIP42 |
|
Podobny opis - TIP42 |