| Zakładka z wyszukiwarką danych komponentów |
|
RL1632R-R150-F Arkusz danych(PDF) 15 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
RL1632R-R150-F Arkusz danych(HTML) 15 Page - Allegro MicroSystems |
|
15 / 17 page ![]() Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver A6211 15 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com 10) To improve thermal performance, use multiple layers for GND. Place as many vias as possible to the ground plane around the anode of the asynchronous diode. 11) The thermal pad under the A6211 must connect to the ground plane using multiple vias. More vias will insure lower operating temperature and higher efficiency. 12) Connection to the LED array should be kept short. Exces- sively long wires can cause ringing or oscillation. When the LED array is separated from the converter board and an output capaci- tor is used, the capacitor should be placed on the converter board to reduce the effect of stray inductance from long wires. |