Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1MD06007 Arkusz danych(PDF) 1 Page - RMT Ltd.

Numer części 1MD06007
Szczegółowy opis  1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RMT [RMT Ltd.]
Strona internetowa  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MD06007 Arkusz danych(HTML) 1 Page - RMT Ltd.

  1MD06007 Datasheet HTML 1Page - RMT Ltd. 1MD06007 Datasheet HTML 2Page - RMT Ltd. 1MD06007 Datasheet HTML 3Page - RMT Ltd. 1MD06007 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 4
A. TEC Assembly:
Solder SnSb (Tmelt=230°C)
B. Ceramics:
1.Pure Al2O3(100%)
2.Alumina (Al2O3- 96%)
3.Aluminum Nitride (AlN)
100% Al2O3 used as standard
Options available
Performance Parameters
Technical Drawing
Thermoelectric Module Datasheet
RMT Ltd
1MD06-007-XX
Performance data are given at 300K, vacuum
C. Ceramics Surface Options
1. Blank ceramics
2. Metallized:
2.1 Ni / Sn(Bi)
2.2 Gold plating
3. Metallized and pre-tinned:
3.1 Solder 94 (PbSnBi, Tmelt=94°C)
3.2 Solder 117 (In-Sn, Tmelt=117°C)
3.3 Solder 138 (Sn-Bi, Tmelt=138°C)
3.4 Solder 183 (Pb-Sn, Tmelt=183°C)
D. Thermistor (optional)
Can be mounted to cold side
ceramics edge. Calibration
is available.
E. Terminal wires
1. Pre-tinned Copper
2. Insulated Wires
3. Insulated Color Coded
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
h
mm
1MD06-007-xx (N=7)
1MD06-007-05
69
1.6
3.4
0.85
0.21
1.6
0.5
1MD06-007-08
71
1.0
2.2
0.33
1.9
0.8
1MD06-007-10
71
0.8
1.8
0.41
2.1
1.0
1MD06-007-12
72
0.7
1.5
0.48
2.3
1.2
1MD06-007-15
72
0.6
1.2
0.60
2.6
1.5


Podobny numer części - 1MD06007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RMT Ltd.
1MD06004 RMT-1MD06004 Datasheet
2Mb / 8P
Blank ceramics (not metallized)
More results

Podobny opis - 1MD06007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RMT Ltd.
1MD06031 RMT-1MD06031 Datasheet
356Kb / 4P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD06023 RMT-1MD06023 Datasheet
363Kb / 4P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD04024 RMT-1MD04024 Datasheet
550Kb / 4P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD04015 RMT-1MD04015 Datasheet
545Kb / 5P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD04010 RMT-1MD04010 Datasheet
549Kb / 5P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD04005 RMT-1MD04005 Datasheet
526Kb / 5P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption.
1MD03024 RMT-1MD03024 Datasheet
387Kb / 3P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
1MD03009 RMT-1MD03009 Datasheet
374Kb / 3P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
1MD03008 RMT-1MD03008 Datasheet
425Kb / 3P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
1MD03004 RMT-1MD03004 Datasheet
438Kb / 3P
1MD03 thermoelectric coolers are specially developed for cooled TOSA applications with strict operating current limits and low power consumption
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com