Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PO74HSTL85353A Arkusz danych(PDF) 6 Page - Potato Semiconductor Corporation

Numer części PO74HSTL85353A
Szczegółowy opis  The PO74HSTL85353A is a low-skew, 1-to-4 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POTATO [Potato Semiconductor Corporation]
Strona internetowa  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74HSTL85353A Arkusz danych(HTML) 6 Page - Potato Semiconductor Corporation

  PO74HSTL85353A Datasheet HTML 1Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 2Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 3Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 4Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 5Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 6Page - Potato Semiconductor Corporation PO74HSTL85353A Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Test Circuit
50Ohm
15pF
to
2pF
15pF
to
2pF
Vcc
Pulse
Generator
D.U.T
Schematic Example
X1
C3
0.1u
U1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
VEE
CLK_EN
CLK_SEL
CLK
NC
XTAL1
XTAL2
NC
NC
VCC
nQ3
Q3
VCC
nQ2
Q2
nQ1
Q0
nQ0
VCC
Q1
3.3V
R12
1K
3.3V
3.3V
C2
0.1u
+
-
+
-
+
-
+
-
3.3V
R11
1K
R1
C4
40p - 60pF
C1
0.1u
C5
SPARE
3.3V
LVCMOS and XTAL Input to HSTLOutput 1:4 Fanout Buffer
6
01/01/10
Potato Semiconductor Corporation
PO74HSTL85353A
www.potatosemi.com
300MHz HSTL Potato Chip



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com