Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6480H Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części L6480H
Szczegółowy opis  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 6Page - STMicroelectronics L6480H Datasheet HTML 7Page - STMicroelectronics L6480H Datasheet HTML 8Page - STMicroelectronics L6480H Datasheet HTML 9Page - STMicroelectronics L6480H Datasheet HTML 10Page - STMicroelectronics L6480H Datasheet HTML 11Page - STMicroelectronics L6480H Datasheet HTML 12Page - STMicroelectronics L6480H Datasheet HTML 13Page - STMicroelectronics L6480H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Electrical data
L6480
10/73
Doc ID 023278 Rev 3
2.2
Recommended operating conditions
2.3
Thermal data
Vin
Logic inputs voltage range
-0.3 to 5.5
V
TOP Ts
Storage and operating
junction
-40 to 150
°C
Ptot
Total power dissipation (Tamb
= 25 ºC)
(1)
4W
1.
HTSSOP38 mounted on a four-layer FR4 PCB with a dissipating copper surface of about 30 cm2.
Table 2.
Absolute maximum ratings (continued)
Symbol
Parameter
Test condition
Value
Unit
Table 3.
Recommended operating conditions
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDD
Logic interface supply voltage
3.3 V logic outputs
3.3
V
5 V logic outputs
5
VREG
Logic supply voltage
3.3
V
VS
Motor supply voltage
VSREG
85
V
VSREG
Internal VCC voltage regulator
VCC voltage internally
generated
VCC +3
Vs
V
VCC
Gate driver supply voltage
VCC voltage imposed by
external source (VSREG
= VCC)
7.5
15
V
VCCREG
Internal VREG voltage regulator
supply voltage
VREG voltage internally
generated
6.3
VCC
V
VADC
Integrated ADC input voltage
(ADCIN pin)
0VREG
V
Table 4.
Thermal data
Symbol
Parameter
Package
Typ.
Unit
Rthj-a
Thermal resistance junction-to-ambient
HTSSOP38(1)
1.
HTSSOP38 mounted on a four-layer FR4 PCB with a dissipating copper surface of about 30 cm2.
31
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com