| Zakładka z wyszukiwarką danych komponentów |
|
110901-0010 Arkusz danych(PDF) 62 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
110901-0010 Arkusz danych(HTML) 62 Page - ITT Industries |
|
62 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 61 Plug Receptacle Receptacle Plug 8 A B C D E F G SYMM Ø 9,52 (.375) MIN THRU HOLE H J K L M N P C 43 2 1 C L 7 6 L SYMM 5 19,38 (.763) 15,24 (.600) L C SYMM 6 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE 6 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE 2.54 (.100) 7 EQUAL SPACES @ CENTERS = TOTAL NON-ACCUMULATIVE Ø 0,25 (.010) A B 4X Ø 3,30-3,05 (.130-.120) THRU HOLE 6,35 (.250) H J K L M N P A 2,54 (.100) B 96X Ø 57,91 (2.280) A B C D E F G 1,09-0,94 (.043-.037) PLATED THRU HOLE Ø 0,13 (.005) A B 15,24 (.600) 6 4 1 2 3 8 1 7 5 2,54 (.100) L C SYMM 17,78 (.700) 3 Notes: Contact hole cavity identification shown is typical as viewed from top surface of P.C. board. All plug layout dimensions not shown are similar to the receptacle dimensions. Plated through (THRU) hole diameters shown are for 0,64 (.025) post contacts. PC/RC contact plated through (THRU) hole diameters are 0,79-0,64 (.031-.025). For PCB pad layout configuration, see page 64. ZIF Connectors DL/DLM/DLD DL2/DLM2/DLD2 Printed Circuit Board Hole Patterns DL2-96/DLM2-96 DLD2-96 A B C D E F G H M K J L N P 8 7 65 43 2 1 SYMM SYMM Ø 9,52 (.375) MIN THRU HOLE 4X R 3,63 (.143) MAX 24,13-23,62 (.950-.930) 50,80-50,29 (2.000-1.980) M 3 P N 2 14 5 6 7 8 L K J H G C E F D B A SYMM SYMM 1 1,27-1,02 (.050-.040) 4X R 1,02 (.040) MAX B 2,29-2,03 (.090-.080) 1,09-0,94 (.043-.037) Ø 0,13 (.005) A B PLATED THRU HOLE 96x Ø A 4X R 3,63 (.143) MAX 7 EQUAL SPACES @ 2,54 (.100) CENTERS = 17.78 (.700) TOTAL NON-ACCUMULATIVE 23,24-22,99 (.915-.905) 6 EQUAL SPACES @ 2,54 (1.00) CENTERS = 15,24 (6.00) TOTAL NON-ACCUMULATIVE 10,16-9,65 (.400-.380) 6,35 (.250) REF 22,86-22,35 (.900-.880) 6 EQUAL SPACES @ 2,54 (1.00) CENTERS = 15,24 (6.00) TOTAL NON-ACCUMULATIVE |