| Zakładka z wyszukiwarką danych komponentów |
|
PIC24FJ128GA310 Arkusz danych(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 Arkusz danych(HTML) 96 Page - Microchip Technology |
|
96 / 406 page ![]() PIC24FJ128GA310 FAMILY DS39996F-page 96 2010-2011 Microchip Technology Inc. FIGURE 8-1: PIC24F INTERRUPT VECTOR TABLE TABLE 8-1: TRAP VECTOR DETAILS Vector Number IVT Address AIVT Address Trap Source 0 000004h 000104h Reserved 1 000006h 000106h Oscillator Failure 2 000008h 000108h Address Error 3 00000Ah 00010Ah Stack Error 4 00000Ch 00010Ch Math Error 5 00000Eh 00010Eh Reserved 6 000010h 000110h Reserved 7 000012h 000112h Reserved Note 1: See Table 8-2 for the interrupt vector list. Reset – GOTO Instruction 000000h Reset – GOTO Address 000002h Reserved 000004h Oscillator Fail Trap Vector Address Error Trap Vector Stack Error Trap Vector Math Error Trap Vector Reserved Reserved Reserved Interrupt Vector 0 000014h Interrupt Vector 1 — — — Interrupt Vector 52 00007Ch Interrupt Vector 53 00007Eh Interrupt Vector 54 000080h — — — Interrupt Vector 116 0000FCh Interrupt Vector 117 0000FEh Reserved 000100h Reserved 000102h Reserved Oscillator Fail Trap Vector Address Error Trap Vector Stack Error Trap Vector Math Error Trap Vector Reserved Reserved Reserved Interrupt Vector 0 000114h Interrupt Vector 1 — — — Interrupt Vector 52 00017Ch Interrupt Vector 53 00017Eh Interrupt Vector 54 000180h — — — Interrupt Vector 116 Interrupt Vector 117 0001FEh Start of Code 000200h Interrupt Vector Table (IVT)(1) Alternate Interrupt Vector Table (AIVT)(1) |