| Zakładka z wyszukiwarką danych komponentów |
|
AD8150AST Arkusz danych(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8150AST Arkusz danych(HTML) 9 Page - Analog Devices |
|
9 / 35 page ![]() AD8150 –9– REV. 0 IOUT – mA 0 0 5 10 152025 20 40 60 80 100 PK-PK RMS VEE = –3.3V Figure 9. Jitter vs. IOUT 1.5 Gbps, PRBS 23 TEMPERATURE – C 0 –25 0 50 75 100 125 20 40 60 80 100 PK-PK RMS VEE = –3.3V 25 Figure 10. Jitter vs. Temperature 1.5 Gbps, PRBS 23 DATA RATE – Mbps 0 0 1000 1500 20 40 60 80 100 VEE = –3.3V 500 TIME DOMAIN VOLTAGE (INNER EYE) 223–1 PSEUDO-RANDOM BIT STREAM, ERROR-FREE AREA ERROR-FREE PERCENTAGE VALUE WAS COMPUTED USING THE FOLLOWING FORMULA: (DATA_PERIOD – PPJITTER) 100 / DATA_PERIOD TIME DOMAIN VINNER 100 / VINNER @500Mbps VOLTAGE (INNER EYE) Figure 11. AC Performance IOUT – mA 0 0 5 10 152025 20 40 60 80 100 PK-PK RMS VEE = –5V Figure 12. Jitter vs. IOUT 1.5 Gbps, PRBS 23 TEMPERATURE – C 0 –25 0 50 75 100 125 20 40 60 80 100 PK-PK RMS VEE = –5V 25 Figure 13. Jitter vs. Temperature 1.5 Gbps, PRBS 23 DATA RATE – Mbps 0 0 1000 1500 20 40 60 80 100 VEE = –5V 500 TIME DOMAIN VOLTAGE (INNER EYE) 223–1 PSEUDO-RANDOM BIT STREAM, ERROR-FREE AREA ERROR-FREE PERCENTAGE VALUE WAS COMPUTED USING THE FOLLOWING FORMULA: (DATA_PERIOD – PPJITTER) 100 / DATA_PERIOD TIME DOMAIN VINNER 100 / VINNER @500Mbps VOLTAGE (INNER EYE) Figure 14. AC Performance |