| Zakładka z wyszukiwarką danych komponentów |
|
MMA690XKQ Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA690XKQ Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 37 page ![]() Sensors 2 Freescale Semiconductor, Inc. MMA690xKQ SECTION 1 INTRODUCTION 1.1 INTRODUCTION MMA690xKQ is a two-axis member of Freescale’s family of SPI-compatible accelerometers. These devices incorporate digital signal processing for filtering, trim, and data formatting. 1.2 SERIAL COMMUNICATION CONFIGURATION The serial communication configuration provides a 4-wire SPI interface. Device serial number, acceleration range, filter char- acteristics, and status information are available along with acceleration data via the SPI. 1.3 BLOCK DIAGRAM A block diagram illustrating the major components of the design is shown in Figure 1-1. Figure 1-1 Block Diagram SPI VCC VSS DIN DOUT SCLK CS SELF-TEST CREG CREF VPP PCM_X INTERFACE TEMP. SENSOR ΣΔ CONVERTER VOLTAGE REGULATOR g-CELL (Y) g-CELL (X) CONTROL LOGIC UNIT DATA ARRAY PROGRAMMABLE ΣΔ CONVERTER CLOCK INTERNAL MONITOR CREGA CAP/HOLD PCM PCM_Y IN 1 IN 0 DIGITAL Y OUT X OUT DSP TEMP (SEE FIGURE 1-2) OUT CONTROL IN STATUS OUT PCM CREF CREGA VSSA CLOCK PRIMARY OSCILLATOR REFERENCE OSCILLATOR SINC FILTER SINC FILTER |