| Zakładka z wyszukiwarką danych komponentów |
|
ES7120 Arkusz danych(PDF) 2 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES7120 Arkusz danych(HTML) 2 Page - ESS Technology,Inc |
|
2 / 2 page ![]() 2 http://www.esstech.com © 2006 ESS Technology, Inc. SAM0668-082807 ES7120 PRODUCT BRIEF SYSTEM BLOCK DIAGRAM No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic, mechanical, manual, optical, or otherwise, without the prior written permission of ESS Technology, Inc. ESS Technology, Inc. makes no representations or warranties regarding the content of this document. All specifications are subject to change without prior notice. ESS Technology, Inc. assumes no responsibility for any errors contained herein. U.S. patents pending. MPEG is the Moving Picture Experts Group of the ISO/IEC. References to MPEG in this document refer to the ISO/IEC JTC1 SC29 committee draft ISO 11172 dated January 9, 1992. Vibratto, SmartBright, SmartLogo, SmartColor, and Music Slideshow are trademarks of ESS Technology, Inc. Dolby is a trademark of Dolby Laboratories, Inc. Trusurround, Trusurround XT, SRS, and (o) symbol are trademarks of SRS Labs., Inc. All other trademarks are trademarks of their respective companies and are used for identification purposes only. ESS Technology, Inc. 48401 Fremont Blvd. Fremont, CA 94538 Tel: (510) 492-1088 Fax: (510) 492-1898 PRELIMINARY SYSTEM BLOCK DIAGRAM Figure 1 ES7120 System Block Diagram ORDERING INFORMATION REFERENCE DESIGN AND SOFTWARE ESS can provide a reference design and software modules to facilitate the implementation of a complete solution of a DVD player with HDMI Transmission to HDTVs. It can also be used as an example for further hardware-software system development. The reference software consists of the following modules: • System configuration • System authentication • EDID data reading Part Number Description Package ES7120T HDMI Transmitter 80-pin TQFP The first letter T in the part number identifies the package type TQFP. ESS’ DVD ES7120 Decoder IC SCL, SDA I2S * CN2020 part by California Micro Devices YCbCr 8/12 bit S/PDIF I2C Video Data Audio Data TDMS CN2020 Tx0-2, TxC Tx0-2, TxC SCL, SDA DDC_SCL DDC_SDA |