| Zakładka z wyszukiwarką danych komponentów |
|
AD9901TQ/883 Arkusz danych(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9901TQ/883 Arkusz danych(HTML) 2 Page - Analog Devices |
|
2 / 8 page ![]() REV. B –2– AD9901–SPECIFICATIONS ABSOLUTE MAXIMUM RATINGS 1 Positive Supply Voltage (+VS for TTL Operation) . . . . . +7 V Negative Supply Voltage (–VS for ECL Operation) . . . . . –7 V Input Voltage Range (TTL Operation) . . . . . . . 0 V to +5.5 V Differential Input Voltage (ECL Operation) . . . . . . . . . . 4.0 V ISET Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 mA Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA ELECTRICAL CHARACTERISTICS Commercial Temperature 0 C to +70 C AD9901KQ/KP Test Temp Level Min Typ Max Units INPUT CHARACTERISTICS TTL Input Logic “1” Voltage Full VI 2.0 V TTL Input Logic “0” Voltage Full VI 0.8 V TTL Input Logic “1” Current 3 Full VI 0.6 mA TTL Input Logic “0” Current 3 Full VI 1.6 mA ECL Differential Switching Voltage Full VI 300 mV ECL Input Current Full VI 20 µA OUTPUT CHARACTERISTICS Peak-to-Peak Output Voltage Swing 4 Full VI 1.6 1.8 2.0 V TTL Output Compliance Range Full V 3–7 V ECL Output Compliance Range Full V ±2V IOUT Range Full V 0.9–11 mA Internal Reference Voltage Full VI 0.42 0.47 0.52 V AC CHARACTERISTICS Linear Phase Detection Range4 40 kHz +25 °C V 360 Degrees 30 MHz +25 °C V 320 Degrees 70 MHz +25 °C V 270 Degrees Functionality @ 70 MHz +25 °C I Pass/Fail POWER SUPPLY CHARACTERISTICS TTL Supply Current (+5.0 V)5, 6 +25 °C I 43.5 54.0 mA Full I 43.5 54.0 mA ECL Supply Current (–5.2 V)5, 6 +25 °C I 42.5 52.5 mA Full I 42.5 52.5 mA Nominal Power Dissipation +25 °C V 218 mW NOTES 1Absolute maximum ratings are limiting values, to be applied individually, and beyond which the service ability of the circuit may be impaired. Functional operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability. 2Maximum junction temperature should not exceed +175 °C for ceramic packages, +150°C for plastic packages. Junction temperature can be calculated by: tJ = PD (θJA) +tA = PD (θJC) +tC where: PD = power dissipation θ JA = thermal impedance from junction to air (°C/W) θ JC = thermal impedance from junction to case ( °C/W) tA = ambient temperature (°C) tC = case temperature (°C) typical thermal impedances: AD9901 Ceramic DIP = θ JA = 74°C/W; θJC = 21°C/W AD9901 LCC = θ JA = 80°C/W; θJC = 19°C/W AD9901 PLCC = θ JA = 88.2°C/W; θJC = 45.2°C/W 3V L = +0.4 V; VH = +2.4 V. 4R SET = 47.5 Ω; R L = 182 Ω. 5lncludes load current of 10 mA (load resistors = 182 Ω). 6Supply should remain stable within ± 5% for normal operation. Specifications subject to change without notice. Operating Temperature Range AD9901KQ/KP . . . . . . . . . . . . . . . . . . . . . . . 0 °C to +70°C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Junction Temperature 2 Plastic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150 °C Ceramic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+175 °C Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . +300 °C ( VS = +5.0 V [for TTL] or –5.2 V [for ECL], unless otherwise noted) |