Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADE7759ARS Arkusz danych(PDF) 12 Page - Analog Devices

Numer części ADE7759ARS
Szczegółowy opis  Active Energy Metering IC with di/dt Sensor Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADE7759ARS Arkusz danych(HTML) 12 Page - Analog Devices

Back Button ADE7759ARS Datasheet HTML 8Page - Analog Devices ADE7759ARS Datasheet HTML 9Page - Analog Devices ADE7759ARS Datasheet HTML 10Page - Analog Devices ADE7759ARS Datasheet HTML 11Page - Analog Devices ADE7759ARS Datasheet HTML 12Page - Analog Devices ADE7759ARS Datasheet HTML 13Page - Analog Devices ADE7759ARS Datasheet HTML 14Page - Analog Devices ADE7759ARS Datasheet HTML 15Page - Analog Devices ADE7759ARS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
REV. 0
ADE7759
–12–
It is also possible to adjust offset errors on Channel 1 and Channel 2
by writing to the Offset Correction registers (CH1OS and CH2OS
respectively). These registers allow channel offsets in the range
±24 mV to ±50 mV (depending on the gain setting) to be removed.
Note that it is not necessary to perform an offset correction in an
energy measurement application if HPF1 Channel 1 is switched
on. Figure 6 shows the effect of offsets on the real power calcula-
tion. As seen in Figure 6, an offset on Channel 1 and Channel 2
will contribute a dc component after multiplication. Since this
dc component is extracted by LPF2 to generate the Active (Real)
Power information, the offsets will have contributed an error to
the Active Power calculation. This problem is easily avoided by
enabling HPF1 in Channel 1. By removing the offset from at
least one channel, no error component is generated at dc by the
multiplication. Error terms at cos(
ω t) are removed by LPF2 and
by integration of the Active Power signal in the Active Energy
register (AENERGY[39:0])—see Energy Calculation section.
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR REAL
POWER CALCULATION
IOS
V
VOS
I
VOS
IOS
V
I
2
0
2
Figure 6. Effect of Channel Offsets on the Real
Power Calculation
The contents of the Offset Correction registers are 6-bit, sign,
and magnitude coded. The weighting of the LSB size depends
on the gain setting, i.e., 1, 2, 4, 8, or 16. Table II shows the
correctable offset span for each of the gain settings and the LSB
weight (mV) for the Offset Correction registers. The maximum
value that can be written to the offset correction registers is
±31
decimal—see Figure 7.
Table II. Offset Correction Range
Gain
Correctable Span
LSB Size
1
±50 mV
1.61 mV/LSB
2
±37 mV
1.19 mV/LSB
4
±30 mV
0.97 mV/LSB
8
±26 mV
0.84 mV/LSB
16
±24 mV
0.77 mV/LSB
Figure 7 shows the relationship between the Offset Correction
register contents and the offset (mV) on the analog inputs for a
gain setting of one. In order to perform an offset adjustment, the
analog inputs should be first connected to AGND, and there
should be no signal on either Channel 1 or Channel 2. A read
from Channel 1 or Channel 2 using the Waveform register will
give an indication of the offset in the channel. This offset can be
canceled by writing an equal but opposite offset value to the
relevant offset register. The offset correction can be confirmed by
performing another read. Note that when adjusting the offset of
Channel 1, the digital integrator and the HPF1 should be disabled.
CH1OS[5:0]
SIGN + 5 BITS
+50mV
OFFSET
ADJUST
3Fh
00h
1Fh
–50mV
0mV
SIGN + 5 BITS
01,1111b
11,1111b
Figure 7. Channel Offset Correction Range (Gain = 1)
di/dt CURRENT SENSOR AND DIGITAL INTEGRATOR
di/dt sensor detects changes in magnetic field caused by ac
current. Figure 8 shows the principle of a di/dt current sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
EMF (ELECTROMOTIVE FORCE)
INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
+
–
Figure 8. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is directly
proportional to the magnitude of the current. The changes in
the magnetic flux density passing through a conductor loop
generate an electromotive force (EMF) between the two ends of
the loop. The EMF is a voltage signal that is proportional to the
di/dt of the current. The voltage output from the di/dt current
sensor is determined by the mutual inductance between the
current-carrying conductor and the di/dt sensor. Figure 9 shows
the mutual inductance produces a di/dt signal at the output of
the sensor.
+
MUTUAL INDUCTANCE M
i(t)
–
v = M
di(t)
dt
Figure 9. Mutual Inductance Between the di/dt
Sensor and the Current Carrying Conductor
The current signal needs to be recovered from the di/dt signal
before it can be used for active power calculation. An integrator
is therefore necessary to restore the signal to its original form.
The ADE7759 has a built-in digital integrator to recover the
current signal from the di/dt sensor. The digital integrator on
Channel 1 is switched on by default when the ADE7759 is
powered up. Setting the MSB of the CH1OS register to 0 will
turn off the integrator. Figures 10 to 13 show the magnitude and
phase response of the digital integrator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32