| Zakładka z wyszukiwarką danych komponentów |
|
ADAS3022 Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS3022 Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 40 page ![]() ADAS3022 Data Sheet Rev. A | Page 8 of 40 ACQUISITION (n) UNDEFINED PHASE POWER UP CONVERSION (n – 1) UNDEFINED CNV BUSY DIN CS SDO NOTES 1. DATA ACCESS CAN OCCUR DURING A CONVERSION ( tDDC), AFTER A CONVERSION (tDAC), OR BOTH DURING AND AFTER A CONVERSION. THE CONVERSION RESULT AND THE CFG REGISTER ARE UPDATED AT THE END OF A CONVERSION (EOC). 2. DATA ACCESS CAN ALSO OCCUR UP TO tDDCA WHILE BUSY IS ACTIVE (SEE THE DIGITAL INTERFACE SECTION FOR DETAILS). ALL OF THE BUSY TIME CAN BE USED TO ACQUIRE DATA. 3. A TOTAL OF 16 SCK FALLING EDGES IS REQUIRED FOR A CONVERSION RESULT. AN ADDITIONAL 16 EDGES ARE REQUIRED TO READ BACK THE CFG RESULT ASSOCIATED WITH THE CURRENT CONVERSION. 4. CS CAN BE HELD LOW OR CONNECTED TO CNV. CS WITH FULL INDEPENDENT CONTROL IS SHOWN IN THIS FIGURE. 5. FOR OPTIMAL PERFORMANCE, DATA ACCESS SHOULD NOT OCCUR DURING THE SAMPLING EDGE. A MINIMUM TIME OF THE APERTURE DELAY ( tAD) SHOULD ELAPSE PRIOR TO DATA ACCESS. DATA INVALID SCK 1 1 1 16/32 16 16 X 16 NOTE 3 NOTE 1 NOTE 2 NOTE 2 NOTE 1 NOTE 4 NOTE 5 CFG INVALID CFG (n + 2) DATA (n – 1) INVALID ACQUISITION (n + 1) UNDEFINED CONVERSION (n) UNDEFINED DATA (n – 1) INVALID CFG (n + 2) CFG (n + 3) DATA (n) INVALID ACQUISITION (n + 2) CONVERSION (n + 1) UNDEFINED DATA (n) INVALID CFG (n + 3) CFG (n + 4) DATA (n + 1) INVALID ACQUISITION (n + 3) PHASE CONVERSION (n + 2) CNV BUSY DIN CS SDO DATA (n + 1) INVALID SCK 1 1 CFG (n + 4) CFG (n + 5) DATA (n + 2) ACQUISITION (n + 4) CONVERSION (n + 3) DATA (n + 2) CFG (n + 5) CFG (n + 6) DATA (n + 3) CONVERSION (n + 4) DATA (n + 3) CFG (n + 6) EOC EOC EOC EOC EOC SOC SOC tDDC tCYC tQUIET tDAC tACQ tAD tDDCA Figure 4. General Timing Diagram |