| Zakładka z wyszukiwarką danych komponentów |
|
ADMCF340 Arkusz danych(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF340 Arkusz danych(HTML) 34 Page - Analog Devices |
|
34 / 40 page ![]() REV. 0 ADMCF340 –34– DM (0x2046) PORTB_INTEN (R/W) 15 14 13 12 11 10 98 7654 3210 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE (NOT USED IN ADMCF341) 0 0000 00 0000 00 000 DM (0x2007) PORTA_FLAG (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE 00 0 0000 0 00000 0 0 0 DM (0x2047) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 PORTB_FLAG (R/W) 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE (NOT USED IN ADMCF341) 000 0 00000 0 0000 00 DM (0x2006) PORTA_INTEN (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 00 0 0000 00 0000 00 0 0 = INTERRUPT DISABLE 1 = INTERRUPT ENABLE Figure 25. Configuration of Additional PIO Registers Default bit values are shown; if no value is shown, the bit field is undefined at reset. Reserved bits are shown on a gray field—these bits should always be written as shown. 0 0 0 0 DM (0x2010) AUXCH0 (R/W) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2011) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2012) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 DM (0x2013) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 AUX1 PERIOD = 2 (AUXTM1) TCK OFFSET = 2 (AUXTM1) TCK 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 TON, AUX0 = 2 (AUXCH0) TCK TON, AUX1 = 2 (AUXCH1) TCK AUX0 PERIOD = 2 (AUXTM0 + 1) TCK AUXCH1 (R/W) AUXTM0 (R/W) AUXTM1 (R/W) p Figure 26. Configuration of Auxiliary PWM Register Default bit values are shown; if no value is shown, the bit field is undefined at reset. |